Part Number Hot Search : 
HD880 MC34114P D4KB40 HER0807G EPB5040G 222AU NJU7031 480MHZ
Product Description
Full Text Search
 

To Download SON Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TaNFilm(R) Flat Precision Resistor Array
SON Series * Compatible with standard SOIC footprint (210 Series) * Superior temperature performance * Tested for COTS Applications * Absolute tolerances to 0.05% * Ratio tolerances to 0.01%
Welwyn Components
Welwyn's TaNFilm(R) Small Outline Leadless Resistor Networks are ideally suited for applications requiring precision, long term reliability and stability in a small area. Its monolithic construction eliminates vulnerable terminations such as solder connections. The SON package is ideal for the all surface mount production reflow techniques while still possessing all the unique qualities of our TaNFilm(R) thin film system. Testing has demonstrated performance exceeding MIL-PRF-83401 Characteristic H.
Electrical Data
Pb- Free finish on commercial parts, Sn Pb Finish on military parts, is standard
Manufacturing Capabilities
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability. All information is subject to Welwyn's own data and is considered accurate at time of going to print.
(c) Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
A subsidiary of TT electronics plc
Telephone: +44 (0) 1670 822181 * Facsimile: +44 (0) 1670 829465 * Email: info@welwyn-tt.com * Website: www.welwyn-tt.com
TaNFilm(R) Flat Precision Resistor Array
Physical Data
TOP
N Pin 1
Welwyn Components
H
BOTTOM
W
C
Pin 1
H
E
G
J
L
F A
N
B
SIDE VIEW
N
R1 R1
1
2
3
1
2
3
Schematic A Isolated
Note: N = number of pads
Schematic B Bussed
(mm) 0.686 0.711 3.175 0.635 1.270 0.229R 0.762 1.016 5.33 0.25 1.270 3.81 0.13 0.25
(c) Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
0.686 0.711 3.175 0.635 1.270 0.229R 0.762 1.016 0.91 1.270 3.81
0.686 0.711 3.175 0.635 1.270 0.229R 0.762 1.016 10.41 1.270 3.81
0.686 0.711 5.33 0.25 0.635 1.270 0.254R 0.762 1.016 5.08 1.270 5.33
0.686 0.711 4.318 0.635 1.270 0.254R 0.762 1.016 8.89 1.270 5.33
0.686 0.711 4.318 0.635 1.270 0.254R 0.762 1.016 10.16 1.270 5.33
Telephone: +44 (0) 1670 822181 * Facsimile: +44 (0) 1670 829465 * Email: info@welwyn-tt.com * Website: www.welwyn-tt.com
SON Series Issue June 2006
TaNFilm(R) Flat Precision Resistor Array
Environmental Data
Environmental Test Test Method Characteristic K Limits (R) Characteristic H Limits (R)
Welwyn Components
TaNFilm" Maximum R
TaNFilm" Typical R
Thermal Shock and Power Conditioning Low Temperature Operation Short Time Overload Resistance to Bonding Exposure Moisture Resistance Shock Vibration Life High Temperature Exposure Low Temperature Storage
MIL-PRF-83401 MIL-PRF-83401 MIL-PRF-83401 MIL-PRF-914 MIL-PRF-83401 MIL-PRF-83401 MIL-PRF-83401 MIL-PRF-83401 MIL-PRF-83401 MIL-PRF-83401
0.7% 0.25% 0.25% 0.25% 0.5% 0.25% 0.25% 0.5% 0.5 0.25
0.5% 0.1% 0.1% 0.25% 0.5% 0.25% 0.25% 0.5% 0.2 0.1
0.1% 0.05% 0.05% 0.1% 0.1% 0.1% 0.1% 0.1% 0.1% 0.05%
0.02% 0.02% 0.02% 0.02% 0.03% 0.03% 0.03% 0.03% 0.03% 0.01%
Power Derating
Ordering Procedure
N989 - 01 - 10k Model
NS4A, N959: NS4B, N954: NS7A, N989: NS7B, N987: NS8A, N999: NS8B, N997: 8-pad, 4 resistor, schematic A 8-pad, 7 resistor, schematic B 14-pad, 7 resistor, schematic A 14-pad, 13 resistor, schematic B 16-pad, 8 resistor, schematic A 16-pad, 15 resistor, schematic B
-F
B Optional R1 Ratio Tolerance Code
F = 1%; D = 0.5%; B = 0.1% A = 0.05%; S = 0.025% Q = 0.02%; T = 0.01%
Absolute Tolerance Code
J = 5%; G = 2%; F = 1% D = 0.5%; C = 0.25% B = 0.1%; A = 0.05%
TCR Code
01 = 100ppm/C Commercial Grade 02 = 50ppm/C Commercial Grade 03 = 25ppm/C Commercial Grade 04 = 300ppm/C Military Screened Characteristic M 05 = 100ppm/C Military Screened Characteristic K 06 = 50ppm/C Military Screened Characteristic H 07 = 25ppm/C Military Screened Characteristic H
Value (use IEC62 code)
4-Digit resistance code Ex: 1002 = 10K; 49R9 = 49.9
Special Notes:
SON 150 NSxx series screened per Group A MIL-PRF-55342 SON 210 N9xx series screened per Group A MIL-PRF-83401 For additional information or to discuss your specific requirements, please contact our Applications Team using the contact details below.
N989 - 01 - 10kFB
(c) Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 * Facsimile: +44 (0) 1670 829465 * Email: info@welwyn-tt.com * Website: www.welwyn-tt.com
SON Series Issue June 2006


▲Up To Search▲   

 
Price & Availability of SON

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X